Part Number Hot Search : 
UM7512C PE4005 10061 MIC811U MSTRP HER10 BCM91160 1H104
Product Description
Full Text Search
 

To Download BC848 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC 846 ... BC 850 NPN
General Purpose Transistors NPN
Surface mount Si-Epitaxial PlanarTransistors Si-Epitaxial PlanarTransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung
2.9 0.1 0.4
3
250 mW SOT-23 (TO-236) 0.01 g
1.1
Plastic case Kunststoffgehause
1.3 0.1
Type Code
1 2
2.5 max
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
1.9
Dimensions / Mae in mm 1=B 2=E 3=C
Maximum ratings (TA = 25/C)
BC 846 Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (DC) Peak Collector current - Kollektor-Spitzenstrom Peak Base current - Basis-Spitzenstrom Peak Emitter current - Emitter-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open VCE0 VCB0 VEB0 Ptot IC ICM IBM - IEM Tj TS 65 V 80 V 6V
Grenzwerte (TA = 25/C)
BC 847/850 45 V 50 V 250 mW 1) 100 mA 200 mA 200 mA 200 mA 150/C - 65...+ 150/C BC 848/849 30 V 30 V 5V
Characteristics (Tj = 25/C)
Group A DC current gain - Kollektor-Basis-Stromverhaltnis ) VCE = 5 V, IC = 10 :A VCE = 5 V, IC = 2 mA h-Parameters at VCE = 5V, IC = 2 mA, f = 1 kHz Small signal current gain Kleinsignal-Stromverstarkung Input impedance - Eingangs-Impedanz Output admittance - Ausgangs-Leitwert Reverse voltage transfer ratio Spannungsruckwirkung
1
Kennwerte (Tj = 25/C)
Group B typ. 150 200...450 Group C typ. 270 420...800
2
hFE hFE
typ. 90 110...220
hfe hie hoe hre
typ. 220 1.6...4.5 kS 18 < 30 :S typ.1.5 *10-4
typ. 330 3.2...8.5 kS 30 < 60 :S typ. 2 *10-4
typ. 600 6...15 kS 60 < 110 :S typ. 3 *10-4
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% 10 01.11.2003
General Purpose Transistors Characteristics (Tj = 25/C)
Min. Collector saturation volt. - Kollektor-Sattigungsspannung 1) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base-Emitter voltage - Basis-Emitter-Spannung 1) VCE = 5 V, IC = 2 mA VCE = 5 V, IC = 10 mA Collector-Base cutoff current - Kollektorreststrom IE = 0, VCB = 30 V IE = 0, VCB = 30 V, Tj = 150/C Emitter-Base cutoff current - Emitterreststrom IC = 0, VEB = 5 V Gain-Bandwidth Product - Transitfrequenz VCE = 5 V, IC = 10 mA, f = 100 MHz VCB = 10 V, IE = ie = 0, f = 1 MHz VEB = 0.5 V, IC = ic = 0, f = 1 MHz Noise figure - Rauschzahl VCE = 5 V, IC = 200 :A RG = 2 kS, f = 1 kHz, )f = 200 Hz VCE = 5 V, IC = 200 :A RG = 2 kS, f = 1 kHz, f = 30 ... 15000 Hz BC 846... F BC 848 BC 849/850 BC 849 BC 850 F F F - - RthA - fT CCB0 CEB0 100 MHz - - IEB0 - - ICB0 ICB0 - - - - VBEon VBEon 580 mV - VCEsat VCEsat VBEsat VBEsat - - - -
BC 846 ... BC 850 Kennwerte (Tj = 25/C)
Typ. 90 mV 200 mV 700 mV 900 mV 660 mV - Max. 250 mV 600 mV - - 700 mV 770 mV 15 nA 5 :A 100 nA - 3.5 pF 9 pF 6 pF -
Base saturation voltage - Basis-Sattigungsspannung 1)
Collector-Base Capacitance - Kollektor-Basis-Kapazitat Emitter-Base Capacitance - Emitter-Basis-Kapazitat
2 dB 1.2 dB 1.4 dB 1.4 dB
10 dB 4 dB 4 dB 3 dB 420 K/W 2)
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren BC 846A = 1A Marking of available current gain groups per type Stempelung der lieferbaren Stromverstarkungsgruppen pro Typ BC 847A = 1E BC 848A = 1J
BC 856 ... BC 860 BC 846B = 1B BC 847B = 1F BC 848B = 1K BC 849B = 2B BC 850B = 2F BC 847C = 1G BC 848C = 1L BC 849C = 2C BC 850C = 2G
) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% ) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 01.11.2003
1 2
11


▲Up To Search▲   

 
Price & Availability of BC848

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X